PART |
Description |
Maker |
HI3-0507A-5Z HI3-0509A-5Z HI3-0506A-5Z |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP28 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, PDIP16 16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel, CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, PDIP28
|
Intersil, Corp.
|
HI3-0506A-5Z |
16-Channel, 8-Channel, Differential 8-Channel and Differential 4-Channel,CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil Corporation
|
HI9P0549-9 HI9P0548-9 HI-548 HI4P0548-5 HI4P0546-5 |
Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 6,差通道通道CMOS模拟MUXs与Active过压保护 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, PQCC28 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 16-CHANNEL, SGL ENDED MULTIPLEXER, CDIP28 64 MACROCELL 3.3 VOLT ISP CPLD - NOT RECOMMENDED for NEW DESIGN 6,差通道通道CMOS模拟MUXs与Active过压保护 Single 16 and 8, Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 Wirewound Inductor; Inductor Type:High Frequency; Inductance:470nH; Inductance Tolerance: 5 %; Current Rating:400mA; Series:IMC; Package/Case:1008; Core Material:Ceramic; Leaded Process Compatible:Yes; Mounting Type:Surface Mount RoHS Compliant: Yes Single 16 and 8/ Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection From old datasheet system Single 16 and 8 Differential 8-Channel and 4-Channel CMOS Analog MUXs with Active Overvoltage Protection
|
Intersil, Corp. INTERSIL[Intersil Corporation]
|
LTC1393 LTC1393C LTC1393CGN LTC1393CS LTC1393I LTC |
Octal Buffers/Drivers With Open-Collector Outputs 20-SOIC 0 to 70 Single-Ended 8-Channel/ Differential 4-Channel Analog Multiplexer with SMBus Interface Single-Ended 8-Channel/Differential 4-Channel Analog Multiplexer with SMBus Interface From old datasheet system
|
Linear Technology Corporation LINER[Linear Technology] ce
|
ADG527ABCHIPS ADG527ATCHIPS |
Latchable Differential 8 Channel Multiplexer (Latched ADG507A); Package: CHIPS OR DIE; No of Pins: 28; Temperature Range: Commercial 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, UUC28 Latchable Differential 8 Channel Multiplexer (Latched ADG507A); Package: CHIPS OR DIE; No of Pins: 28; Temperature Range: TBD 8-CHANNEL, DIFFERENTIAL MULTIPLEXER, UUC28
|
Analog Devices, Inc.
|
HS-0548RH HS-0549RH 5962D9569401VEC HS1B-0549RH-Q |
Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 8-CHANNEL, SGL ENDED MULTIPLEXER, CDIP16 Radiation Hardened Single 8/Differential 4 Channel CMOS Analog Multiplexers with Active Overvoltage Protection 4-CHANNEL, DIFFERENTIAL MULTIPLEXER, CDIP16 SMD CAP CER 100PF 50V 5% NPO (0805)
|
Intersil, Corp. Intersil Corporation
|
EDI7P004FVA0300C15 EDI7P002FVA0400I15 EDI7P002FVA0 |
Dual Ultra Low Noise Amplifier; Temperature Range: -40°C to 85°C; Package: 8-SOIC T&R Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-TSSOP Single 8-Channel/Differential 4-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 16-PDIP Peripheral Miscellaneous Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers; Temperature Range: -40°C to 85°C; Package: 28-PDIP 周边杂项 60MHz Rail-to-Rail Input-Output Op Amps; Temperature Range: -40°C to 85°C; Package: 8-HMSOP T&R 周边杂项 1M X 16 FLASH 5V PROM CARD, 100 ns, XMA68 Triple Differential Twisted-Pair Driver with Common-Mode Sync Encoding; Temperature Range: -40°C to 85°C; Package: 24-QSOP
|
KEMET Corporation Bourns, Inc. MICROSEMI CORP-PMG MICROELECTRONICS
|
HI4-0546 HI-546 HI4-0547 |
(HI4-054x) Single 16 and 8/ Differential 8-Channel and 4-Channel CMOS Analog MUXs (HI-54x) Single 16 and 8/ Differential 8-Channel and 4-Channel CMOS Analog MUXs
|
Harris Corporation
|
DG406DJ DG406DY DG407DJ DG407DN DG407DY FN3116 DG4 |
Single 16-Channel/Differential 8-Channel, CMOS Analog Multiplexers From old datasheet system Single 16-Channel/Differential 8-Channel / CMOS Analog Multiplexers
|
INTERSIL[Intersil Corporation] Maxim Integrated Products
|
NB6L239 NB6L239MN NB6L239MNR2 |
2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT 1/2/4/8, 2/4/8/16 Clock Divider From old datasheet system 2.5 V / 3.3V Any Differential Clock IN to Differential LVPECL OUT Dual Bank 1/2/4/8 and 2/4/8/16 Div 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ±1/2/4/8, ±2/4/8/16 Clock Divider 2.5 V / 3.3 V Any Differential Clock IN to Differential LVPECL OUT ÷1/2/4/8, ÷2/4/8/16 Clock Divider
|
ONSEMI[ON Semiconductor]
|
258819 258823 258829 258831 258809 258808 258828 2 |
150ksps, 12-Bit, 2-Channel Single-Ended, and 1-Channel True-Differential ADCs 250ksps, 3V, 8-/4-Channel, 12-Bit ADCs with 2.5V Reference and Parallel Interface SIGN-FIRE EXTIGUISHER WATER 300ksps/400ksps, Single-Supply, 4-Channel, Serial 12-Bit ADCs with Internal Reference MAX1280 Evaluation Kit/Evaluation System MAX1284 Evaluation Kit/Evaluation System 标志火灭焰器干战 1.8Msps, Single-Supply, Low-Power, True-Differential, 12-Bit ADCs 标志火灭焰器
|
TE Connectivity, Ltd. Maxim Integrated Products, Inc.
|